PART |
Description |
Maker |
AS7C31024B AS7C31024B-20TJCN AS7C31024B-10JC AS7C3 |
8-Bit Parallel-Out Serial Shift Registers 14-TSSOP -40 to 85 128K X 8 STANDARD SRAM, 15 ns, PDSO32 3.3V 128K X 8 CMOS SRAM 128K X 8 STANDARD SRAM, 10 ns, PDSO32 8-Bit Parallel-Out Serial Shift Registers 14-TSSOP -40 to 85 128K X 8 STANDARD SRAM, 12 ns, PDSO32 8-Bit Parallel-Out Serial Shift Registers 14-SO -40 to 85 Parallel-Load 8-Bit Shift Registers 16-SOIC -40 to 85 Replaced by SN74LV165A : Parallel-Load 8-Bit Shift Register 16-TSSOP -40 to 85 Replaced by SN74LV165A : Parallel-Load 8-Bit Shift Register 16-SOIC -40 to 85 Replaced by SN74LV165A : Parallel-Load 8-Bit Shift Register 16-SSOP -40 to 85 SRAM - 3.3V Fast Asynchronous
|
ALLIANCE MEMORY INC Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
MSM855B MSM855B2 MSM855 |
Intel垄莽 Pentium垄莽 M CPU 0.6 / 1.0 / 1.4 / 1.8GHz Intel? Pentium? M CPU 0.6 / 1.0 / 1.4 / 1.8GHz
|
Advanced Digital Logic, Inc.
|
HD74HC166 HD74HC166FPEL HD74HC166P |
Parallel-load 8-bit Shift Register
|
Renesas Electronics Corporation
|
HD74LV166A |
Parallel-Load 8-bit Shift Register
|
HITACHI[Hitachi Semiconductor]
|
SP8854EKGHCAR |
27GHz Parallel Load Professional Synthesiser
|
Mitel Semiconductor
|
SP8854EKGHCAR |
2・7GHz Parallel Load Professional Synthesiser
|
Mitel Networks Corporat...
|
HD74LV165A |
Parallel-Load 8-bit Shift Register
|
HITACHI[Hitachi Semiconductor]
|
SP8854D |
1.7GHz Parallel Load Professional Synthesizer
|
Zarlink Semiconductor
|
SP8854D 393 |
1.7GHz PARALLEL LOAD PROFESSIONAL SYNTHESISER From old datasheet system
|
Zarlink
|
AS7C31026 AS7C31026-10 AS7C31026-10BC AS7C31026-10 |
5V/3.3V 64K16 CMOS SRAM 8-Bit Parallel-Load Shift Registers 16-SOIC -40 to 85 CONN SOCKET IC 16-PIN SMD 8-Bit Parallel-Load Shift Registers 16-TSSOP -40 to 85 CONN SOCKET IC 18-PIN SMD 8-Bit Parallel-Load Shift Registers 16-SO -40 to 85 64K X 16 STANDARD SRAM, 20 ns, PBGA48 5V/3.3V 64Kx6 CMOS SRAM 5V/3.3V 64Kx6 CMOS SRAM 5V/3.3V 64Kx6 CMOS SRAM 64K X 16 STANDARD SRAM, 12 ns, PDSO44 5V/3.3V 64Kx6 CMOS SRAM 64K X 16 STANDARD SRAM, 15 ns, PDSO44 5V/3.3V 64Kx6 CMOS SRAM 64K X 16 STANDARD SRAM, 20 ns, PDSO44 5V/3.3V 64Kx6 CMOS SRAM 64K X 16 STANDARD SRAM, 20 ns, PBGA48 5V/3.3V 64Kx6 CMOS SRAM 64K X 16 STANDARD SRAM, 10 ns, PDSO44
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation] ETC[ETC] Alliance Semiconductor, Corp.
|